Part Number Hot Search : 
AD713KN L9813 FR101G HT162609 MTP10N10 EUA2310B SA015A1T M3H11FAD
Product Description
Full Text Search
 

To Download 2SC5802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC5802 description with to-3p(h)is package high voltage;high speed wide area of safe operation applications for high voltage color display horizontal deflection output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 6 v i c collector current 10 a i cm collector current-peak 30 a p c total power dissipation t c =25 60 w t j junction temperature 150 t stg storage temperature -55~150 fig.1 simplified outline (to-3p(h)is) and symbol downloaded from: http:///
savantic semiconductor product specification 2 silicon npn power transistors 2SC5802 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v cesat collector-emitter saturation voltage i c =6a; i b =1.5a 3.0 v v besat base-emitter saturation voltage i c =6a; i b =1.5a 1.5 v i ces collector cut-off current v ce =1400v; v be =0 1.0 ma i cbo collector cut-off current v cb =800v; i e =0 10 a i ebo emitter cut-off current v eb =4v; i c =0 1.0 ma h fe-1 dc current gain i c =1a ; v ce =5v 15 48 h fe-2 dc current gain i c =6a ; v ce =5v 7 10 t f fall time v cc =200v; i c =6a;i b1 =1.2a i b2 =-2.4a;r l =33.3 ? 0.1 0.3 s downloaded from: http:///
savantic semiconductor product specification 3 silicon npn power transistors 2SC5802 package outline fig.2 outline dimensions (unindicated tolerance:0.20 mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC5802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X